PART |
Description |
Maker |
M37210M4-562SP M37211M2-011SP M37211M2-534SP M3721 |
RESIS,4.7K,5%,1-8W,SMT1206 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Purple; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White/Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes RES 4.7K-OHM 5% 0.125W 200PPM THK-FILM SMD-1206 BULK DIODE SWITCHING SINGLE 75V 215mA-Io 250mW 3000ns-trr SOT-23 3K/REEL SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER 单芯位CMOS微机电压合成与屏幕显示控制器
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
MTAN2111-11A MTAN2111-21C MTAN7111M-21C MTAN4111-1 |
1.2 5x7 Dot Matrix Display 1.2 5x7点阵式显示器 Hook-Up Wire; Conductor Size AWG:14; No. Strands x Strand Size:41 x 30; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:White/Green; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:White/Orange; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Marktech 1.20 5x7 Dot Matrix
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
MHV12-180S15N MHV12-180S15P SHV12-1.0K2000P SHV12- |
HV-Power Supplies 高压,电源供应器 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Purple; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:White; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes
|
ETI Systems TRACO ELECTRONIC AG. TRACO[Traco Electronic AG] TRACOPOWER[TRACO Electronic AG]
|
SK10EL11WDT SK10EL11WD SK100EL11W SK100EL11WD SK10 |
Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:White; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 1:2 Differential Fanout Buffer
|
Semtech Corporation
|
VN220 VN220011Y VN220012Y VN220_012Y VN220_011Y |
Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White/Green; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 高边智能电源固态继电器 HIGH SIDE SMART POWER SOLID STATE RELAY
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
A67L93181E-8.5F A67L83361E A67L83361E-10.0 A67L833 |
512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM 12k × 1856 × 36 LVTTL,流通过ZeBL的SRAM Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Approval Categories:J-W-1177/14; MW 35C (Heavy); Conductor Material:Copper; Jacket Material:Polyester; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Approval Categories:J-W-1177/14; MW 35C (Heavy); Jacket Material:Polythermaleze; Leaded Process Compatible:Yes; Number of Conductors:1; Voltage Nom.:600V RoHS Compliant: Yes
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
BYX133GL |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper RoHS Compliant: Yes High-voltage car ignition diode
|
NXP Semiconductors N.V. Philips Semiconductors
|
BYX135G |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Dark Blue; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper RoHS Compliant: Yes High-voltage car ignition diode
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DTM12G-N DTM12C-N DTM12E-N DTM12-N DTM12-M |
Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 12A Bidirectional Thyristor
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
1307033 |
Hook-Up Wire; Conductor Size AWG:10; No. Strands x Strand Size:65 x 28; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes OnBoard Micro GPS Patch Antennas
|
Tyco Electronics
|
AD1954YSTRL AD1954YSRL |
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 16-bit fixed point DSP with Flash
|
Analog Devices, Inc.
|
BLF8 BLF2 BLF10 BLF5 BLN8 BLF1 BLF1_2 BLF11_2 BLF1 |
Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Light Blue; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Protected; Fully Encapsulated; Efficiency to 80%; Custom versions available Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Red; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Axial Lead and Cartridge Fuses - Midget
|
Littelfuse, Inc. LITTELFUSE[Littelfuse] http://
|